Part Number Hot Search : 
100M10 STV2246 ZX84C6V8 HD74S04 HSM105 A0100 18000 EPF8061S
Product Description
Full Text Search
 

To Download ISL29018IROZ-EVALZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
ISL29018
Data Sheet March 3, 2009 FN6619.0
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
The ISL29018 is an integrated ambient and infrared light to digital converter with a built-in IR LED driver and I2C Interface (SMBus Compatible). This device provides not only ambient light sensing to allow robust backlight/display brightness control but also infrared sensing to allow proximity estimation featured with interrupt function. For ambient light sensing, an internal ADC has been designed based on the charge-balancing A/D conversion technique. The ADC conversion time is nominally 90ms and is user adjustable from 11s to 90ms, depending on oscillator frequency and ADC resolution. This ADC is capable of rejecting 50Hz and 60Hz flicker noise caused by artificial light sources. The lux-range-select feature allows users to program the lux range for optimized counts/lux. For proximity sensing, the ADC is used to digitize the output signal from the photodiode array when the internal IR LED driver is turned on and off for the programmed time periods under user-selected modulation frequency to drive the external IR LED. As this proximity sensor employs a noise cancellation scheme to highly reject unwanted IR noise, the digital output of proximity sensing decreases with distance. The driver output current is user selectable up to 100mA to drive different types of IR emitters LEDs. Six different modes of operation can be selected via the I2C interface: Programmable ALS once with auto power-down, programmable IR sensing once, programmable proximity sensing once, programmable continuous ALS sensing, programmable continuous IR sensing and programmable continuous proximity sensing. The programmable one-time operation modes greatly reduce power because an immediate automatic shutdown reduces overall supply current less than 0.5A. The ISL29018 supports both hardware and software interrupts that remain asserted until the host clears it through I2C interface for ambient light sensing and proximity detection. Designed to operate on supplies from 2.5V to 3.63V, the ISL29018 is specified for operation over the -40C to +85C ambient temperature range. It is packaged in a clear, Pb-free 8 Ld ODFN package.
Features
Proximity Sensing * Ambient IR Cancellation During Proximity Sensing - Works Under Direct Sunlight * IR LED Driver with Programmable Source Current - Adjustable Current Drive from 100mA to 12.5mA * Programmable LED current Modulation Frequency * Variable Conversion Resolution Ambient Light Sensing * Simple Output Code Directly Proportional to lux * Adjustable Sensitivity up to 65 Counts per lux * Selectable Range (via I2C) - Range 1 = 0.015 lux to 1,000 lux - Range 2 = 0.06 lux to 4,000 lux - Range 3 = 0.24 lux to 16,000 lux - Range 4 = 0.96 lux to 64,000 lux * Integrated 50/60Hz Noise Rejection * Works Under Various Light Sources, Including Sunlight Ideal Spectral Response for Light and Proximity Sensor * Light Sensor Close to Human Eye Response - Excellent Light Sensor IR and UV Rejection * Proximity sensor range from 850nm to 950nm - Can use either 850nm or 950nm LED solution Ultra Low Power * 90A Max Operating Current * Software Shutdown and Automatic Shutdown - 0.5A Max Shutdown Current Easy to Use * I2C (SMBus Compatible) Output * No Complex Algorithms Needed * Temperature Compensated * Small Form Factor - 8 Ld 3.0mmx3.0mmx0.7mm ODFN Package Additional Features * * * * I2C and SMBus Compatible 1.7V to 3.63V Supply for I2C Interface 2.25V to 3.63V Sensor Power Supply Pb-Free (RoHS compliant)
Applications
* Display and Keypad Dimming Adjustment and Proximity Sensing for: - Mobile Devices: Smart Phone, PDA, GPS - Computing Devices: Notebook PC, Webpad - Consumer Devices: LCD-TV, Digital Picture Frame, Digital Camera * Industrial and Medical Light and Proximity Sensing
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2009. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
ISL29018 Ordering Information
PART NUMBER (Note) ISL29018IROZ-T7* ISL29018IROZ-EVALZ *Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. TEMP. RANGE (C) -40 to +85 Evaluation Board PACKAGE (Pb-Free) 8 Ld ODFN PKG. DWG. # L8.3x3F
Pinout
ISL29018 (8 LD ODFN TOP VIEW)
VDDD 1 VDDA 2 GND 3 REXT 4 8 IRDR 7 INT 6 SDA 5 SCL
EXPOSED PAD CAN BE CONNECTED TO GND OR ELECTRICALLY ISOLATED
Pin Descriptions
PIN NUMBER PIN NAME 1 2 3 4 5 6 7 8 VDDD VDDA GND REXT SCL SDA INT IRDR Positive digital supply: 2.5V to 3.63V. Positive analog supply: 2.5V to 3.63V, VDDA and VDDD should be externally shorted. Ground. The thermal pad is also connected to the GND pin. External resistor pin setting the internal reference current and the conversion time. 499k with 1% tolerance resistor is recommended. I2C serial clock line I2C serial data line Interrupt pin; LO for interrupt/alarming. The INT pin is an open drain. IR LED driver pin connecting to the anode of the external IR LED. The source current of the IR LED driver can be programmed through I2C. Exposed pad connected to ground or electrically isolated. The I2C bus lines can be pulled from 1.7V to above VDD, 3.63V max. DESCRIPTION
2
FN6619.0 March 3, 2009
ISL29018 Block Diagram
VDDA 2 PHOTODIODE ARRAY COMMAND REGISTER LIGHT DATA PROCESS ALS AND IR IR PHOTODIODE ARRAY IREF INTERRUPT FOSC IR DRIVER 4 REXT 3 GND ISL29018 7 INT INTEGRATION ADC DATA REGISTER 6 I2C 5 SDA SCL VDDD 1
8
IRDR
3
FN6619.0 March 3, 2009
ISL29018
Absolute Maximum Ratings (TA = +25C)
VSUP(VDDD,VDDA) Supply Voltage between VDD and GND . . . . . .4V VDDA Supply Voltage between VDDA and GND . . . . VDDD +/- 0.5V I2C Bus (SCL, SDA) and INT Pin Voltage . . . . . . . . . . . . -0.2V to 4V I2C Bus (SCL, SDA) and INT Pin Current . . . . . . . . . . . . . . . <10mA IRDR Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD + 0.5V REXT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD + 0.5V ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) 8 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62 Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-40C to +100C Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40C to +85C Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTE: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER VSUP ISUP(OFF) ISUP(ON) VI2C fOSC tint FI2C DATA_0 DATA_FS DATA DATA DATA_1 DATA_2 DATA_3 DATA_4 DATA_IR1 DATA_IR2 DATA_IR3 DATA_IR4 VREF VIL VIH
VSUP(VDDD,VDDA) = 3V, TA = +25C, REXT = 499k 1% tolerance, 16-bit ADC operation, unless otherwise specified. CONDITION (Note 2) Software disabled or auto power-down MIN 2.25 0.1 70 1.7 675 16-bit ADC data 750 90 1 to 400 E = 0 lux 1 5 TYP MAX 3.63 0.5 90 3.63 825 UNIT V A A V kHz ms kHz Counts
DESCRIPTION Power Supply Range for VDDD, VDDA Supply Current when Powered Down Supply Current of Ambient Light and IR Sensing Supply Voltage Range for I2C Interface Internal Oscillator Frequency ADC Integration/Conversion Time I2C Clock Rate Range Count Output When Dark Full Scale ADC Code Count Output Variation Over Three Light Sources: Fluorescent, Incandescent and Sunlight Light Count Output With LSB of 0.015 lux/count Light Count Output With LSB of 0.06 lux/count Light Count Output With LSB of 0.024 lux/count Light Count Output With LSB of 0.96 lux/count Infrared Count Output Infrared Count Output Infrared Count Output Infrared Count Output Voltage of REXT Pin SCL and SDA Input Low Voltage SCL and SDA Input High Voltage
65535 Counts Ambient light sensing 10 %
E = 300 lux, Fluorescent light (Note 3), Ambient light sensing, Range 1 (1k lux) E = 300 lux, Fluorescent light (Note 3), Ambient light sensing, Range 2 (4k lux) E = 300 lux, Fluorescent light (Note 3), Ambient light sensing, Range 3 (16k lux) E = 300 lux, Fluorescent light (Note 3), Ambient light sensing, Range 4 (64k lux) E = 210 lux, Sunlight (Note 4), IR sensing, Range 1 E = 210 lux, Sunlight (Note 4), IR sensing, Range 2 E = 210 lux, Sunlight (Note 4), IR sensing, Range 3 E = 210 lux, Sunlight (Note 4), IR sensing, Range 4
15000
20000 5000 1250 312
25000 Counts Counts Counts Counts 25000 Counts Counts Counts Counts V 0.55 V V
15000
20000 5000 1250 312 0.52
1.25
4
FN6619.0 March 3, 2009
ISL29018
Electrical Specifications
PARAMETER ISDA, IINT IIRDR1 IIRDR2 IIRDR3 IIRDR4 VIRLED tr tf fIRLED1 fIRLED2 VSUP(VDDD,VDDA) = 3V, TA = +25C, REXT = 499k 1% tolerance, 16-bit ADC operation, unless otherwise specified. (Continued) CONDITION MIN 4 IS<1:0> = 0 (Note 5) IS<1:0> = 1 (Note 5) IS<1:0> = 2 (Note 5) IS<1:0> = 3 (Note 5) 15 at IRDR pin 44 TYP 5 100 50 25 12.5 VDD - 0.6 RLOAD = 15 at IRDR pin, 20% to 80% RLOAD = 15 at IRDR pin, 80% to 20% Freq = 0 (Note 5) Freq = 1 (Note 5) IS<1:0> = 0, Freq = 0 (Note 5) IS<1:0> = 0, Freq = 1 (Note 5) 35 10 DC 360 101 51 50 1.0 58 MAX UNIT mA mA mA mA mA V ns ns kHz kHz mA mA % %
DESCRIPTION SDA and INT Current Sinking Capability IRDR Source Current IRDR Source Current IRDR Source Current IRDR Source Current Voltage Head Room of IRDR Pin Rise Time for IRDR Source Current Fall Time for IRDR Source Current IR LED Modulation Frequency IR LED Modulation Frequency
ISUP (IRLED1) Supply Current of Proximity Sensing ISUP (IRLED2) Supply Current of Proximity Sensing Duty Cycle PROX-IR PROX NOTES: 2. VSUP is the common voltage to VDDD and VDDA. Duty Cycle of IR LED Modulation
Differential ADC Output of IR and Proximity IR and proximity sensing with Range 2 and Scheme 0; Sensing With Object Far Away to Provide 15 @ IRDR pin, IS<1:0> = 0, Freq = 0; E = 210 lux, No Reflection Sunlight.
3. 550nm green LED is used in production test. The 550nm LED irradiance is calibrated to produce the same DATA count against an illuminance level of 300 lux fluorescent light. 4. 850nm infrared LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count against an illuminance level of 210 lux sunlight at sea level. 5. See "Register Set" on page 7.
Principles of Operation
Photodiodes and ADC
The ISL29018 contains two photodiode arrays which convert light into current. The spectral response for ambient light sensing and IR sensing is shown in Figure 6 in the performance curves section. After light is converted to current during the light signal process, the current output is converted to digital by a built-in 16-bit Analog-to-Digital Converter (ADC). An I2C command reads the ambient light or IR intensity in counts. The converter is a charge-balancing integrating type 16-bit ADC. The chosen method for conversion is best for converting small current signals in the presence of an AC periodic noise. A 100ms integration time, for instance, highly rejects 50Hz and 60Hz power line noise simultaneously. See "Integration and Conversion Time" on page 9. The built-in ADC offers user flexibility in integration time or conversion time. Integration time is determined by an internal oscillator (fOSC), and the n-bit (n = 4, 8, 12,16) counter inside the ADC. A good balancing act of integration time and resolution depending on the application is required for optimal results. The ADC has I2C programmable range select to dynamically accommodate various lighting conditions. For very dim conditions, the ADC can be configured at its lowest range 5
(Range 1) in the ambient light sensing. For very bright conditions, the ADC can be configured at its highest range (Range 4) in the proximity sensing.
Low-Power Operation
The ISL29018 initial operation is at the power-down mode after a supply voltage is provided. The data registers contain the default value of 0. When the ISL29018 receives an I2C command to do a one-time measurement from an I2C master, it will start ADC conversion with light or proximity sensing. It will go to the power-down mode automatically after one conversion is finished and keep the conversion data available for the master to fetch anytime afterwards. The ISL29018 will continuously do ADC conversion with light or proximity sensing if it receives an I2C command of continuous measurement. It will continuously update the data registers with the latest conversion data. It will go to the power-down mode after it receives the I2C command of power-down.
Ambient Light, IR and Proximity Sensing
There are six operational modes in ISL29018: Programmable ALS once with auto power-down, programmable IR sensing once with auto power-down, programmable proximity sensing once with auto power-down; programmable continuous ALS sensing, programmable continuous IR sensing and programmable continuous proximity sensing. These six modes can be programmed in series to fulfill the application
FN6619.0 March 3, 2009
ISL29018
needs. The detailed program configuration is listed in "Register Set" on page 7. When the part is programmed for ambient light sensing, the ambient light with wavelength within the "Ambient Light Sensing" spectral response curve in Figure 6 is converted into current. With ADC, the current is converted to an unsigned n-bit (up to 16 bits) digital output. When the part is programmed for infrared (IR) sensing, the IR light with wavelength within the "IR or Proximity Sensing" spectral response curve on Figure 6 is converted into current. With ADC, the current is converted to an unsigned n-bit (up to 16 bits) digital output. When the part is programmed for proximity sensing, the external IR LED is turned on by the built-in IR LED driver through the IRDR pin. The amplitude of the IR LED current and the IR LED modulation frequency can be programmed through Command Register II. When the IR from the LED reaches an object and gets reflected back, the reflected IR light with wavelength within the "IR or Proximity Sensing" spectral response curve in Figure 6 is converted into current. With ADC, the current is converted to an unsigned n-bit (up to 16 bits) digital output. The output reading is inversely proportional to the square of the distance between the sensor and the object. of the interrupt. This reduces the possibility of false triggers, such as noise or sudden spikes in ambient light conditions. An unexpected camera flash, for example, can be ignored by setting the persistency to 8 integration cycles.
I2C Interface
There are eight 8-bit registers available inside the ISL29018. The two command registers define the operation of the device. The command registers do not change until the registers are overwritten. The two 8-bit data Read Only registers are for the ADC output and the Timer output. The data registers contain the ADC's latest digital output, or the number of clock cycles in the previous integration period. The four 8-bit interrupt registers hold 16-bit interrupt high and low thresholds. The ISL29018's I2C interface slave address is internally hard-wired as 1000100. When 1000100x with x as R or W is sent after the Start condition, this device compares the first seven bits of this byte to its address and matches. Figure 1 shows a sample one-byte read. Figure 2 shows a sample one-byte write. The I2C bus master always drives the SCL (clock) line, while either the master or the slave can drive the SDA (data) line. Figure 2 shows a sample write. Every I2C transaction begins with the master asserting a start condition (SDA falling while SCL remains high). The following byte is driven by the master, and includes the slave address and read/write bit. The receiving device is responsible for pulling SDA low during the acknowledgement period. Every I2C transaction ends with the master asserting a stop condition (SDA rising while SCL remains high). For more information about the I2C standard, please consult the PhilipsTM I2C specification documents.
Interrupt Function
The active low interrupt pin is an open drain pull-down configuration. There is also an interrupt bit in the I2C register. The interrupt serves as an alarm or monitoring function to determine whether the ambient light level or the proximity detection level exceeds the upper threshold or goes below the lower threshold. The user can also configure the persistency
I2C DATA I2C SDA IN I2C SDA OUT I2C CLK
START
DEVICE ADDRESS
WA
REGISTER ADDRESS
STOP START
DEVICE ADDRESS
A
DATA BYTE0
A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A
A6 A5 A4 A3 A2 A1 A0 W
A
SDA DRIVEN BY ISL29018
SDA DRIVEN BY MASTER
A
SDA DRIVEN BY MASTER
A
SDA DRIVEN BY MASTER
A D7 D6 D5 D4 D3 D2 D1 D0
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
FIGURE 1. I2C READ TIMING DIAGRAM SAMPLE
6
FN6619.0 March 3, 2009
ISL29018
START I2C DATA I2C SDA IN A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A B7 B6 B5 B4 B3 B2 B1 B0 A DEVICE ADDRESS W A REGISTER ADDRESS A FUNCTIONS A STOP
I2C SDA OUT SDA DRIVEN BY MASTER I2C CLK IN 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 A SDA DRIVEN BY MASTER A SDA DRIVEN BY MASTER A
FIGURE 2. I2C WRITE TIMING DIAGRAM SAMPLE
Register Set
There are eight registers that are available in the ISL29018. Table 1 summarizes their functions.
TABLE 1. REGISTER SET BIT ADDR 00h 01h 02h 03h 04h 05h 06h 07h REG NAME COMMANDI COMMANDII DATALSB DATAMSB INT_LT_LSB INT_LT_MSB INT_HT_LSB INT_HT_MSB 7 OP2 Scheme D7 D15 TL7 TL15 TH7 TH15 6 OP1 FREQ D6 D14 TL6 TL14 TH6 TH14 5 OP0 IS1 D5 D13 TL5 TL13 TH5 TH13 4 0 IS0 D4 D12 TL4 TL12 TH4 TH12 3 0 RES1 D3 D11 TL3 TL11 TH3 TH11 2 FLAG RES0 D2 D10 TL2 TL10 TH2 TH10 1 PRST1 RANGE1 D1 D9 TL1 TL9 TH1 TH9 0 PRST0 RANGE0 D0 D8 TL0 TL8 TH0 TH8 DEFAULT 00h 00h 00h 00h 00h 00h FFh FFh
Command Register I 00(hex)
The first command register has the following functions: 1. Operation Mode: Bits 7, 6, and 5.These three bits determines the operation mode of the device.
TABLE 2. OPERATION MODE BITS 7 TO 5 000 001 010 011 100 101 110 111 OPERATION Power-down the device ALS once IR once Proximity once Reserved (Do not use) ALS continuous IR continuous Proximity continuous
high. Both interrupt pin and the status bit are automatically cleared at the end of Command Register I transfer.
TABLE 3. INTERRUPT FLAG BIT 2 0 1 OPERATION Interrupt is cleared or not triggered yet Interrupt is triggered
3. Interrupt persist; Bits 1 and 0. The interrupt pin and the interrupt flag is triggered/set when the data sensor reading is out of the interrupt threshold window after m consecutive number of integration cycles. The interrupt persist bits determine m.
TABLE 4. INTERRUPT PERSIST BITS 1 TO 0 00 01 10 11 NUMBER OF INTEGRATION CYCLES 1 4 8 16
2. Interrupt flag; Bit 2. This is the status bit of the interrupt. The bit is set to logic high when the interrupt thresholds have been triggered, and logic low when not yet triggered. Once triggered, INT pin stays low and the status bit stays
7
FN6619.0 March 3, 2009
ISL29018
Command Register II 01(hex)
The second command register has the following functions: 1. Proximity Sensing Scheme: Bit 7. This bit programs the function of the proximity detection. Logic 0 of this bit, Scheme 0, makes full n (4, 8, 12, 16) bits (unsigned) proximity detection. The range of Scheme 0 proximity count is from 0 to 2n. Logic 1 of this bit, Scheme 1, makes n-1 (3, 7, 11, 15) bits (2's complementary) proximity_less_ambient detection. The range of Scheme 1 proximity count is from -2(n-1) to 2(n-1). While Scheme 0 has wider dynamic range, Scheme 1 proximity detection is less affected by the ambient IR noise variation.
TABLE 5. PROXIMITY SENSING SCHEME BIT 7 0 1 OPERATION Sensing IR from LED and ambient Sensing IR from LED with ambient IR rejection
5. Range: Bits 1 and 0. The Full Scale Range (FSR) can be adjusted via I2C using Bits 1 and 0. Table 9 lists the possible values of FSR for the 499k REXT resistor.
TABLE 9. RANGE/FSR LUX BITS 1:0 00 01 10 11 k 1 2 3 4 RANGE(k) Range1 Range2 Range3 Range4 FSR (LUX) @ ALS SENSING 1,000 4,000 16,000 64,000 FSR @ IR SENSING Refer to page 4 Refer to page 4 Refer to page 4 Refer to page 4
Data Registers (02 hex and 03 hex)
The device has two 8-bit read-only registers to hold the data from LSB to MSB for ADC. The most significant bit (MSB) is accessed at 03 hex, and the least significant bit (LSB) is accessed at 02 hex. For 16-bit resolution, the data is from D0 to D15; for 12-bit resolution, the data is from D0 to D11; for 8-bit resolution, the data is from D0 to D7. The registers are refreshed after every conversion cycle.
TABLE 10. DATA REGISTERS ADDRESS (hex) 02 03 CONTENTS D0 is LSB for 4, 8, 12 or 16-bit resolution, D3 is MSB for 4-bit resolution, D7 is MSB for 8-bit resolution D15 is MSB for 16-bit resolution, D11 is MSB for 12-bit resolution
2. Modulation Frequency: Bits 6. This bit sets the IR LED driver's modulation frequency.
TABLE 6. MODULATION FREQUENCY BITS 6 0 1 MODULATION FREQUENCY (kHz) DC 360
3. Amplitude of IR driver current: Bits 5 and 4. This device provides current source to drive an external IR LED. The drive capability can be programmed through Bits 5 and 4. For example, the device sources 12.5mA out of the IRDR pin if Bits 5 and 4 are 0.
TABLE 7. CURRENT SOURCE CAPABILITY AT IRDR PIN BITS 5 TO 4 00 01 10 11 IRDR PIN SOURCE CURRENT 12.5mA IR LED driver 25mA IR LED driver 50mA IR LED driver 100mA IR LED driver
Interrupt Registers (04, 05, 06 and 07 hex)
Registers 04 and 05 hex set the low (LO) threshold for the interrupt pin and the interrupt flag. 04 hex is the LSB and 05 hex is the MSB. By default, the Interrupt threshold LO is 00 hex for both LSB and MSB. Registers 06 and 07 hex set the high (HI) threshold for the interrupt pin and the interrupt flag. 06 hex is the LSB and 07 hex is the MSB. By default, the Interrupt threshold HI is FF hex for both LSB and MSB.
Calculating Lux
The ISL29018's ADC output codes, DATA, are directly proportional to lux in the ambient light sensing as shown in Equation 1.
E cal = x DATA (EQ. 1)
4. Resolution: Bits 3 and 2. Bits 3 and 2 determine the ADC's resolution and the number of clock cycles per conversion in Internal Timing Mode. Changing the number of clock cycles does more than just change the resolution of the device. It also changes the integration time, which is the period the device's analog-to-digital (A/D) converter samples the photodiode current signal for a measurement.
.
TABLE 8. RESOLUTION/WIDTH BITS 3 TO 2 00 01 10 11 NUMBER OF CLOCK CYCLES 216 = 65,536 212 = 4,096 28 = 256 24 = 16 n-BIT ADC 16 12 8 4
Here, Ecal is the calculated lux reading. The constant is determined by the Full Scale Range and the ADC's maximum output counts. The constant is independent on the light sources (fluorescent, incandescent and sunlight) because of the light sources' IR component is removed during the light signal process. The constant can also be viewed as the sensitivity: the smallest lux measurement the device can measure as shown in Equation 2.
Range ( k ) = ---------------------------Count max (EQ. 2)
8
FN6619.0 March 3, 2009
ISL29018
Here, Range(k) is defined in Table 9. Countmax is the maximum output counts from the ADC. The transfer function used for n-bit ADC becomes Equation 3:
Range ( k ) E cal = --------------------------- x DATA n 2 (EQ. 3) DATA IR = x E IR (EQ. 7)
Here, EIR is the received IR intensity. The constant changes with the spectrum of background IR noise like sunlight and incandescent light. The also changes with the ADC's range and resolution selections.
ADC Output in Proximity Sensing
In the proximity sensing, the ADC output codes, DATA, are directly proportional to the total IR intensity from the background IR noise and from the IR LED driven by the ISL29018.
DATA PROX = x E IR + x E LED (EQ. 8)
Here, n = 4, 8, 12 or 16. This is the number of ADC bits programmed in the command register. 2n represents the maximum number of counts possible from the ADC output. Data is the ADC output stored in the data registers (02 hex and 03 hex).
Integration and Conversion Time
The ADC resolution and fOSC determines the integration time, tint as shown in Equation 4.
(EQ. 4)
R EXT n n 1 t int = 2 x ------------- = 2 x --------------------------------------------725kHz x 499k f OSC
where n is the number of bits of resolution and n = 4, 8, 12 or 16. 2n, therefore, is the number of clock cycles. n can be programmed at the command register 01(hex) bits 3 and 2.
TABLE 11. INTEGRATION TIME OF n-BIT ADC REXT (k) 250 499** n = 16-BIT (ms) 45 90 n = 12-BIT (ms) 2.812 5.63 n = 8-BIT (s) 175.5 351 n = 4-BIT (s) 10.8 21.6
Here, and EIR have the same meanings as in Equation 7. The constant depends on the spectrum of the used IR LED and the ADC's range and resolution selections. ELED is the IR intensity which is emitted from the IR LED and reflected by a specific objector to the ISL29018. ELED depends on the current to the IR LED and the surface of the object. ELED decreases with the square of the distance between the object and the sensor. If background IR noise is small, EIR can be neglected, and the ADC output directly decreases with the distance. If there is significant background IR noise, ISL29018 offers two schemes to reduce the effect. The first way is do a proximity sensing using Scheme 0, immediately followed by an IR sensing. The differential reading of ADC outputs from the proximity and IR sensing will then reduce the effect of background IR noise and directly decrease with the distance between the object and the sensor. The second way is to do a proximity sensing using Scheme 1 to do on-chip background IR noise subtraction. While Scheme 0 has wider dynamic range, Scheme 1 proximity detection is faster but with half the resolution. Please refer to "Typical Performance Curves" on page 12 for ADC output versus distance using Scheme 0 detection. Figure 9 shows ISL29018 configured at 12-bit ADC resolution and sensitivity range select at 16000 (range 3) for the proximity reading. A 12.5mA external LED current at 360kHz modulation frequency detects three different sensing objects: 92% brightness paper, 18% gray card and ESD black foam. Figure 10 shows ISL29018 configured at 12-bit ADC resolution and sensitivity range select at 1000 (range 1) for the proximity reading, with a programmed external LED at 360kHz modulation frequency, detecting the same sensing object: 18% gray card under four different external LED current: 12.5mA, 25mA, 50mA and 100mA to compare the proximity readout versus distance. ISL29018 Proximity sensing relies on the amount of IR reflected back from the objects to be detected. Clearly, it can not detect an optically black object that reflects no light. However, ISL29018 is sensitive enough to detect a black ESD foam, which reflects slightly less than 1% of IR, as shown in Figure 9. For biological objects, blonde hair reflects more than
**Recommended REXT resistor value
External Scaling Resistor REXT for fOSC and Range
The ISL29018 uses an external resistor REXT to fix its internal oscillator frequency, fOSC and the light sensing range, Range. fOSC and Range are inversely proportional to REXT. For user simplicity, the proportionality constant is referenced to 499k as shown in Equations 5 and 6:
499k Range = ----------------- x Range ( k ) R EXT 499k f OSC = ----------------- x 725 kHz R EXT (EQ. 5) (EQ. 6)
Noise Rejection
In general, integrating type ADC's have excellent noise-rejection characteristics for periodic noise sources whose frequency is an integer multiple of the conversion rate. For instance, a 60Hz AC unwanted signal's sum from 0ms to k*16.66ms (k = 1,2...ki) is zero. Similarly, setting the device's integration time to be an integer multiple of the periodic noise signal, greatly improves the light sensor output signal in the presence of noise.
ADC Output in IR Sensing
The ISL29018's ADC output codes, DATA, are directly proportional to the IR intensity received in the IR sensing.
9
FN6619.0 March 3, 2009
ISL29018
brunette hair, as expected and shown in Figure 11. Also notice that skin tissue is much more reflective than hair. IR penetrates into the skin and is reflected or scattered back from within. As a result, the proximity count peaks at contact and monotonically decreases as skin moves away. This characteristic is very different from that of a plain paper reflector. sensing and Proximity sensing three different serial phases, the detection occurs once every 30ms, the average current consumption including external IR LED drive current can be calculated from Equation 9:
[ ( 0.05mA + 0.05mA + 1mA + (50mA 50%)) 0.4ms ) ]/30ms = 0.35mA
(EQ. 9)
Interrupt Function
Depending on the mode of operation set by Bits 7, 6 and 5 of command register 00 hex, the upper and lower interrupt thresholds are for either ambient light level or proximity detection. After each change of mode of operation, it is expected a new set of thresholds are loaded to interrupt registers 04, 05, 06 and 07 hex for proper interrupt detection. Also, the interrupt persist counter will be reset to 0 when the mode of operation is changed.
If at a 12-bit ADC resolution where the integration time for each serial phase becomes 7ms and the total detection time becomes 100ms, the average current can be calculated from Equation 10:
[ ( 0.05mA + 0.05mA + 1mA + (50mA 50%)) 7ms ) ]/100ms = 1.83mA
(EQ. 10)
Suggested PCB Footprint
It is important that the users check the "Surface Mount Assembly Guidelines for Optical Dual FlatPack No Lead (ODFN) Package" before starting ODFN product board mounting. http://www.intersil.com/data/tb/TB477.pdf
LED Modulation for Proximity Detection
ISL29018 offers two ways to modulate the LED in the Proximity Detection mode - DC or 360kHz (with 50% duty cycle) by bit 6 of register 01h. At the IRDR pin, there are four different IRDR LED currents; 12.5, 25, 50, and 100mA outputs selectable by bits 4 and 5 of register 01h. With the LED running in the DC mode, the proximity detection is twice as sensitive but consumes 2 times more current. The sensitivity of LED 50mA, DC 50mA is identical to that of 100mA, 360kHz modulation. Please note that the ISL29018 does not include a LED.
Layout Considerations
The ISL29018 is relatively insensitive to layout. Like other I2C devices, it is intended to provide excellent performance even in significantly noisy environments. There are only a few considerations that will ensure best performance. Route the supply and I2C traces as far as possible from all sources of noise. Use two power-supply decoupling capacitor 0.1F, placed close to the device.
Current Consumption Estimation
The low power operation is achieved through sequential readout in the serial fashion, as shown in Figure 3, the device requires three different phases in serial during the entire detection cycle to do ambient light sensing, infrared sensing and proximity sensing. The external IR LED will only be turned on during the proximity sensing phase under user program controlled current at modulated frequency depends on user selections. Figure 3 also shows the current consumption during each ALS, IR sensing and Proximity sensing phase. For example, at 8-bit ADC resolution the integration time is 0.4ms. If user programed 50mA current to supply external IR LED at 360kHz modulated frequency, during the entire operation cycle that includes ALS, IR
Typical Circuit
A typical application for the ISL29018 is shown in Figure 4. The ISL29018's I2C address is internally hardwired as 1000100. The device can be tied onto a system's I2C bus together with other I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering; direct-infrared heating is not recommended. The plastic ODFN package does not require a custom reflow soldering profile, and is qualified to +260C. A standard reflow soldering profile with a +260C maximum is recommended.
10
FN6619.0 March 3, 2009
ISL29018
30ms 1 ALS 0.4ms 50
IR
0.4ms
50
PROXIMITY
0.4ms
1mA
IR LED 360 kHz
50mA
FIGURE 3. CURRENT CONSUMPTION FOR EACH INTEGRATION PHASE AND DETECTION CYCLE
1.7V TO 3.63V R1 10k R2 10k R3 10k I2C MASTER MICROCONTROLLER INT SDA SCL
2.25V TO 3.63V
SLAVE_0 1 2 3 4 REXT 499k VDDD VDDA GND REXT IRDR INT SDA SCL 8 7 6 5
SLAVE_1 SDA SCL
I2C SLAVE_n SDA SCL
ISL29018
C1 0.1
FIGURE 4. ISL29018 TYPICAL CIRCUIT
11
FN6619.0 March 3, 2009
ISL29018 Typical Performance Curves
1.2 SUN NORMALIZED LIGHT INTENSITY NORMALIZED RESPONSE 1.0 0.8 0.6 0.4 0.2 0 300 FLUORESCENT INCANDESCENT 1.0 0.8 0.6 0.4 0.2 0 -0.2 300
VSUP (VDDD, VDDA) = 3V, REXT = 499k
1.2 AMBIENT LIGHT SENSING HUMAN EYE RESPONSE IR AND PROXIMITY SENSING
HALOGEN
400
500
600 700 800 WAVELENGTH (nm)
900
1000
1100
400
500
600 700 800 900 WAVELENGTH (nm)
1000
1100
FIGURE 5. SPECTRUM OF FOUR LIGHT SOURCES
FIGURE 6. SPECTRAL RESPONSE FOR AMBIENT LIGHT SENSING AND PROXIMITY SENSING
CALCULATED ALS READING (LUX)
1000 900 800 700 600 500 400 300 200 100 0 0 Ecal = FLUORESCENT 1000 LUX 216 x DATA VDD = 3V RANGE = 1000 LUX 16-BIT ADC HALOGEN INCANDESCENT
RADIATION PATTERN 20 LUMINOSITY 30 ANGLE 40 50 60 70 80 90 0.2 0.4 0.6 0.8 RELATIVE SENSITIVITY 10 0 10 20 30 40 50 60 70 80 90 1.0
65535 ADC OUTPUT (COUNT)
32768
0 100 200 300 400 500 600 700 800 900 1000 LUX METER READING (LUX)
FIGURE 7. RADIATION PATTERN
FIGURE 8. SENSITIVITY TO THREE LIGHT SOURCES
10000 92% BRIGHTNESS PAPER DATAPROX-DATAIR 1000 18% GRAY CARD 100 DATAPROX-DATAIR (COUNT)
4500 4000 3500 3000 2500 2000 1500 1000 500 0 0 10 20 30 40 50 60 DISTANCE (mm) 70 80 90 IIRLED = 100mA IIRLED = 50mA IIRLED = 25mA IIRLED = 12.5mA
10 ESD BLACK FOAM 1
0
20
40 60 DISTANCE (mm)
80
100
FIGURE 9. ADC OUTPUT vs DISTANCE WITH DIFFERENT OBJECTS IN PROXIMITY SENSING
FIGURE 10. ADC OUTPUT vs DISTANCE WITH DIFFERENT LED CURRENT AMPLITUDES IN PROXIMITY SENSING
12
FN6619.0 March 3, 2009
ISL29018 Typical Performance Curves
350 DATAPROX - DATAIR (COUNT) 300 PIG'S SKIN 250 200 150 100 50 0 12-BIT ADC RANGE 3 fLED = 328kHz ILED = 12.5mA 4mm CENTER-TO-CENTER FOR ISL29018 AND SFH4650, ISOLATED BY BARRIER AND BEHIND A 65% IR TRANSMITTING GLASS
VSUP (VDDD, VDDA) = 3V, REXT = 499k (Continued)
10 ALS SENSING 0 Lux OUTPUT CODE (COUNTS) 8
6
18% GRAY 130 CTS = 500 CTS x 65% x 65% = 211 CTS BLOND HAIR
4
BRUNETTE HAIR
2
0
10
20
30
40
50
60
0 -60
-20
DISTANCE (mm)
20 TEMPERATURE (xC
60
100
FIGURE 11. PROXIMITY DETECTIONS OF VARIOUS BIOLOGICAL OBJECTS
FIGURE 12. OUTPUT CODE FOR 0 LUX vs TEMPERATURE
OUTPUT CODE RATIO (FROM +30xC
1.10 IRDR OUTPUT CURRENT (mA) 300 Lux FLUORESCENT LIGHT ALS SENSING 1.05
105.0 104.5 104.0 103.5 103.0 102.5 102.0 101.5 101.0 100.5 100.0 -40 -20 0 20 40 60 TEMPERATURE (xC 80 100 120 PROXIMITY SENSING IS<1:0> = 0
1.00
0.95
0.90 -60
-20
20 TEMPERATURE (xC
60
100
FIGURE 13. OUTPUT CODE vs TEMPERATURE
FIGURE 14. OUTPUT CURRENT vs TEMPERATURE IN PROXIMITY SENSING
90 85 80 75 70 65 60 -40 ALS SENSING 10,000 Lux
SUPPLY CURRENT (A
-20
0
20
40
60
80
100
120
TEMPERATURE (xC
FIGURE 15. SUPPLY CURRENT vs TEMPERATURE IN ALS SENSING
13
FN6619.0 March 3, 2009
ISL29018
3.00
1
8
2 SENSOR OFFSET
7
3.00
0.40 3 6 0.54
4
5
0.37
FIGURE 16. 8 LD ODFN SENSOR LOCATION OUTLINE
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 14
FN6619.0 March 3, 2009
ISL29018
Package Outline Drawing
L8.3x3F
8 LEAD OPTICAL DUAL FLAT NO-LEAD PLASTIC PACKAGE Rev 0, 01/07
6 PIN #1 INDEX AREA
3.00
A B
6 PIN 1 INDEX AREA
8
0.65
1 2
(2.29) (1.95)
7
3.00
6
0.30(R)
3 4
(2X)
0.10
5
0.10 M C A B
8X 0 . 40 (R)
(1.40)
TOP VIEW BOTTOM VIEW
SEE DETAIL "X"
0.10 C
(2.80 TYP)
0.70(R)
C BASE PLANE
SEATING PLANE 0.08 C
SIDE VIEW
(6x0.65)
(2.29)
C
(8x0.30)
0 . 2 REF
5
(1.40) (8x0.60)
0 . 00 MIN. 0 . 05 MAX.
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal (R) 4. Dimension b applies to the metallized terminal and is measured between 0.25mm and 0.35mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 indentifier may be either a mold or mark feature.
15
FN6619.0 March 3, 2009


▲Up To Search▲   

 
Price & Availability of ISL29018IROZ-EVALZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X